PART |
Description |
Maker |
AD9765 DAC_12B_10-100NS AD568 AD9742 AD9752 AD9753 |
Analog Devices: Data Converters: DAC 12-Bit, 10 ns to 100 ns Converters Selection Table
|
Analog Devices, Inc. AD[Analog Devices]
|
MAX130 MAX130ACPL MAX130ACQH MAX130AEPL MAX130AEQH |
3? Digit A/D Converters with Bandgap Refrence 3 Digit A/D Converters with Bandgap Refrence 3 Digit A/D Converters with Bandgap Reference 3? Digit A/D Converters with Bandgap Refrence 3Digit A/D Converters with Bandgap Refrence LJT 55C 55#22D PIN PLUG 18-Bit Bus Interface Flip-Flops With 3-State Outputs 56-TVSOP -40 to 85 1-CH 16-BIT DUAL-SLOPE ADC, PARALLEL ACCESS, PDIP40 20-Bit Buffers/Drivers With 3-State Outputs 56-SSOP -40 to 85 1-CH 16-BIT DUAL-SLOPE ADC, PARALLEL ACCESS, PDIP40 3??Digit A/D Converters with Bandgap Refrence
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
HI1-574AJD-5 HI3-574AKN-5 HI3-574AKN-5Z HI3-574AJN |
Complete, 12-Bit A/D Converters with Converters with Microprocessor Interface Complete, 12-Bit A/D Converters with Microprocessor Interface; Temperature Range: See Datasheet; Package: 28-PDIP SUCCESSIVE APPROXIMATION ADC, PDIP28
|
Intersil Corporation Intersil, Corp.
|
TC9402 TC9400 TC9402CPD TC9400COD TC9400CPD TC9400 |
The TC9400/TC9401/TC9402 are low-cost voltage-to-frequency (V/F)converters utilizing low power CMOS technology. The converters accept a variable analog input signal and generate an output pulse train whose frequency is linearly proportiona Voltage-to-Frequency/Frequency-to-Voltage Converters
|
Microchip Technology
|
ICL7106 ICL7106CM44 ICL7106RCPL ICL7106S ICL7106SC |
1-CH 3-BIT DUAL-SLOPE ADC, PARALLEL ACCESS, PDIP40 31/2 Digit/ LCD/LED Display/ A/D Converters From old datasheet system 31/2 Digit LCD/LED Display A/D Converters 3 1 / 2 Digit,LCD/LED Display, A/D Converters 31/2 Digit, LCD/LED Display, A/D Converters
|
INTERSIL[Intersil Corporation]
|
TC7106A TC7106ACPL TC7106AIJL TC7107 TC7107AIPL TC |
3-1/2 digit analog-to-digital converters with drives LED The TC7106A and TC7107A 3-1/2 digit direct-display drive analog-to-digital converters allow existing 7106/7107 based systems to be upgraded. Each device has a precision reference with a 20ppm/°C max temperature coefficient. This repre 3-1/2 digit analog-to-digital converters with drives LCD
|
MICROCHIP[Microchip Technology]
|
AD578L AD578LD AD578LN AD578JD AD578JN AD579KN AD5 |
VERY FAST, COMPLETE 10- OR 12-BIT A/D CONVERTERS 2-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP32 Enhanced, 1.8V, PCI-Express Compliant, 4-Differential Channel, 2:1 Mux/DeMux Switch, w/ Single Enable VERY FAST/ COMPLETE 10- OR 12-BIT A/D CONVERTERS Very Fast,Complete 10-or 12-Bit A/D Converters(完备2位A/D转换 速度非常快,完整02位A / D转换器(完备2位的A / D转换器) Very Fast,Complete 10-or 12-Bit A/D Converters(完备0位A/D转换 速度非常快,完整02位A / D转换器(完备0位的A / D转换器) 0-20V; very fast, complete 12-bit A/D converter
|
ANALOG DEVICES INC Analog Devices, Inc. AD[Analog Devices]
|
TEL154822 TEL154823 TEL152410 TEL152411 TEL152412 |
DC/DC Converters DC/DC Converters DC/DC Converters - TEL 15 Series, 15 Watt
|
TRACO Electronic AG
|
IRF7822PBF IRF7822TRPBF |
N-Channel Application-Specific MOSFETs HEXFET㈢ Power MOSFET for DC-DC Converters HEXFET? Power MOSFET for DC-DC Converters
|
International Rectifier
|
LTC3424 LTC3423 LTC3424EMS LTC3423EMS |
Low Output Voltage, 3MHz Micropower Synchronous Boost Converters; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 125°C 2.8 A SWITCHING REGULATOR, 3000 kHz SWITCHING FREQ-MAX, PDSO10 3MHz, 2A Low Output Voltage Micropower Synchronous Boost Converters 3MHz, 1A Low Output Voltage Micropower Synchronous Boost Converters LOW OUTPUT VOLTAGE 3MHZ MICROPOWER SYNCHRONOUS BOOST CONVERTERS
|
Linear Technology, Corp. LINEAR[Linear Integrated Systems]
|
TSC-1D4815NH TSC-1S2405NH TSC-1S2412NH TSC-1D0505N |
DC/DC CONVERTERS DC/DC CONVERTERS 3KV Isolation, 0.25 to 1 Watt
|
Tumbler Technologies TRUMPower Tumbler Technologies ...
|